Part Number Hot Search : 
74HC7 0DC12 SAB3036 S391D MMBZ525 500KL 25640 2SB648AB
Product Description
Full Text Search
 

To Download 15SMCJ60A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.5SMCJ Series
1500W Surface Mount Transient Voltage Suppressor
P b Lead(Pb)-Free
Features:
* For surface mounted applications in order to optimize board space * Low profile package * Built-in strain relief * Glass passivated junction * Low inductance * Excellent clamping capability * Repetition Rate(duty cycle):0.05% * Fast response time: typically less than 1.0ps from 0 Volts to BV min * Typical IR less than 1A above 10V * High temperature soldering: 250C/10 seconds at terminals * Plastic package has Underwriters Laboratory Flammability 94V-O
VOLTAGE 5.0 to 440 Volts Peak Pulse Power 1500 Watt
SMC(DO-214AB)
Mechanical Data:
* MECHANICAL DATA * Case: JEDEC DO214AB. Molded plastic over glass passivated junction * Terminal: Solder plated, solderable per MIL-STD-750, Method 2026 * Polarity: Color band denotes positive end (cathode) except Bidirectional * Standard Packaging: 16mm tape(EIA STD RS-481) * Weight: 0.007ounce, 0.21gram
DEVICES FOR BIPOLAR APPLICATION: For Bidirectional use C or CA Suffix for types SMCJ5.0 thru types SMCJ170(e.g. SMCJ5.0 , SMCJ170CA) Electrical characteristics apply in both directions MAXIMUM RATINGS AND CHARACTERISTICS(TA=25C Unless otherwise specified) Rating
Peak Pulse Power Dissipation on 10/1000s waveform (Note 1,FIG.1) Peak Pulse Current of on 10/1000s waveform (Note 1,FIG.3) Peak Forward Surge Current,8.3ms Single Half Sine-Wave Superimposed on Rated Load,(JEDEC Method) (Note 3) Operating junction Temperature Range Storage Temperature Range
Symbol
PPPM IPPM IFSM TJ TSTG
Value
1500(Min)
SEE TABLE 1
Units
W A A C C
200 +150 -55 to +150
Notes : 1. Non-repetitive current pulse , per Fig. 3 and derated above TA= 25C per Fig.2. 2. Mounted on 8.0mm x 8.0mm Copper Pads to each terminal. 3. 8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
WEITRON
http://www.weitron.com.tw
1/4
Rev.A 19-Dec-06
1.5SMCJ Series
PART NUMBER UNI- POLAR BI-POLAR
1.5SMCJ
REVERS DEVICE REVERS BREAKDOW BREAKDOW MAXIMUN PEAK E TEST MARKING E STANDN VOLTAGE N VOLTAGE CLAMPING PULSE LEAKAGE CURRENT OFF CODE VBR(V) VBR(V) VOLTAGE CURREN @V IT (mA) VOLTAGE RWM MIN.@IT MAX.@IT @Ipp Vc(V) T Ipp (A) VRWM(V) IR(A) UNI BI 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103.0 113.0 121.0 126.0 137.0 146.0 162.0 177.0 193.0 209.0 243.0 259.0 275.0 292.0 324.0 356.0 405.0 486.0 567.0 648.0 713.0 163.0 145.7 134.0 125.0 116.3 110.3 104.2 97.4 88.3 82.5 75.4 69.8 64.7 61.5 57.7 54.4 51.4 46.3 42.3 38.6 35.7 33.1 31.0 28.2 25.9 23.3 21.7 20.6 19.4 18.2 17.3 16.1 15.5 14.6 13.3 12.4 11.9 11.0 10.3 9.3 8.5 7.8 7.2 6.2 5.8 5.5 5.1 4.6 4.2 3.7 3.1 2.6 2.3 2.1 800 800 500 200 100 50 20 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
SMCJ5.0A SMCJ5.0CA GDE BDE 5.0 6.40 7.00 6.0 6.67 7.37 SMCJ6.0A SMCJ6.0CA GDG BDG 6.5 7.22 7.98 SMCJ6.5A SMCJ6.5CA GDK BDK 7.0 7.78 8.60 SMCJ7.0A SMCJ7.0CA GDM BDM 7.5 8.33 9.21 SMCJ7.5A SMCJ7.5CA GDP BDP 8.0 8.89 9.83 SMCJ8.0A SMCJ8.0CA GDR BDR 8.5 9.44 10.40 SMCJ8.5A SMCJ8.5CA GDT BDT 9.0 10.00 11.10 SMCJ9.0A SMCJ9.0CA GDV BDV 10.0 11.10 12.30 SMCJ10A SMCJ10CA GDX BDX 11.0 12.20 13.50 SMCJ11A SMCJ11CA GDZ BDZ 12.0 13.30 14.70 SMCJ12A SMCJ12CA GEE BEE 13.0 14.40 15.90 SMCJ13A SMCJ13CA GEG BEG 14.0 15.60 17.20 SMCJ14A SMCJ14CA GEK GEK 15.0 16.70 18.50 SMCJ15A SMCJ15CA GEM GEM 16.0 17.80 19.70 SMCJ16A SMCJ16CA GEP BEP 17.0 18.90 20.90 SMCJ17A SMCJ17CA GER BER 18.0 20.00 22.10 SMCJ18A SMCJ18CA GET BET 20.0 22.20 24.50 SMCJ20A SMCJ20CA GEV BEV 22.0 24.40 26.90 SMCJ22A SMCJ22CA GEX BEX 24.0 26.70 29.50 SMCJ24A SMCJ24CA GEZ BEZ 26.0 28.90 31.90 SMCJ26A SMCJ26CA GFE BFE 28.0 31.10 34.40 SMCJ28A SMCJ28CA GFG BFG 30.0 33.30 36.80 SMCJ30A SMCJ30CA GFK BFK SMCJ33A SMCJ33CA GFM BFM 33.0 36.70 40.60 36.0 40.00 44.20 SMCJ36A SMCJ36CA GFP BFP 40.0 44.40 49.10 SMCJ40A SMCJ40CA GFR BFR 43.0 47.80 52.80 SMCJ43A SMCJ43CA GFT BFT SMCJ45A SMCJ45CA GFV BFV 45.0 50.00 55.30 48.0 53.30 58.90 SMCJ48A SMCJ48CA GFX BFX 51.0 56.70 62.70 SMCJ51A SMCJ51CA GFZ BFZ 54.0 60.00 66.30 SMCJ54A SMCJ54CA GGE BGE SMCJ58A SMCJ58CA GGG BGG 58.0 64.40 71.20 60.0 66.70 73.70 SMCJ60A SMCJ60CA GGK BGK 64.0 71.10 78.60 SMCJ64A SMCJ64CA GGM BGM 70.0 77.80 86.00 SMCJ70A SMCJ70CA GGP BGP SMCJ75A SMCJ75CA GGR BGR 75.0 83.30 92.10 78.0 86.70 95.80 SMCJ78A SMCJ78CA GGT BGT 85.0 94.40 104.00 SMCJ85A SMCJ85CA GGV BGV 90.0 100.00 111.00 SMCJ90A SMCJ90CA GGX BGX SMCJ100A SMCJ100CA GGZ BGZ 100.0 111.00 123.00 110.0 122.00 135.00 SMCJ110A SMCJ110CA GHE BHE 120.0 133.00 147.00 SMCJ120A SMCJ120CA GHG BHG SMCJ130A SMCJ130CA GHK BHK 130.0 144.00 159.00 150.0 167.00 185.00 SMCJ150A SMCJ150CA GHM BHM 160.0 178.00 197.00 SMCJ160A SMCJ160CA GHP BHP 170.0 189.00 209.00 SMCJ170A SMCJ170CA GHR BHR SMCJ180A SMCJ180CA GHT BHT 180.0 201.00 222.00 200.0 224.00 247.00 SMCJ200A SMCJ200CA GHV BHV 220.0 246.00 272.00 SMCJ220A SMCJ220CA GHX BHX 250.0 279.00 309.00 SMCJ250A SMCJ250CA GHZ BHZ SMCJ300A SMCJ300CA GJE BJE 300.0 335.00 371.00 350.0 391.00 432.00 SMCJ350A SMCJ350CA GJG BJG 400.0 447.00 494.00 SMCJ400A SMCJ400CA GJK BJK 440.0 492.00 543.00 SMCJ440A SMCJ440CA GJM BJM For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. For parts without A , the VBR is + 10%
WEITRON
http://www.weitron.com.tw
2/4
Rev.A 19-Dec-06
1.5SMCJ Series
Ratings and Characteristic Curves TA =25C unless otherwise noted
100
PPPM- Peak Pulse Power (KW)
Peak Pulse Power (PPP) or Current (IPP) Derating in Percentage, %
100
10
75
50
1
0.31x0.31"(8.0x8.0mm) Copper Pad Areas
25
0.1 0.1s
1.0s
10s
100s
1.0ms
10ms
0
0
25
50
75
100 125 150 175 200
Fig.1 Peak Pulse Power Rating
150
IPPM- Peak Pulse Current, % I RSM tr=10sec Peak Value IPPM
2
td- Pulse Width (sec.)
TA- Ambient Temperature (C)
Fig.2 Pulse Derating Curve
20000 10000
CJ-Junction Capacitance (pF)
Measured at Zero Bias
TJ=25C Pulse Width(td) is defined as the point where the peak current decays to 50% of IPPM
100
Half Value IPPM
1000
VR, Measured at Stand-Off Voltage, VWM TJ=25C f=1.0MHZ Vsig=50mVp-p
50
10/1000sec. Waveform as defined by R.E.A
100
0
td
0
1.0
2.0
3.0
4.0
10 1.0
Uni-Directional Bi-Directional
Fig.3 Pulse Waveform
100
IPSM-Peak Forward Surge Current (A) Transient Thermal Impedance (C/W)
Fig.4 Typical Junction Capacitance
200 100
VWM-Reverse Stand-Off Voltage (V)
10
100
200
10
1.0
8.3 Single Half Sine-Wave (JEDEC Method) Undirectional Only TJ=TJ MAX
0.1 0.001
0.01
0.1
1
10
100
1000
10 1
tp- Pulse Duration(sec)
Number of Cycles at 60Hz
10
100
Fig.5 Typ. Transient Thermal Impedance
Fig.6 Maximum Non-Repetitive Peak Forward Surge Current
WEITRON
http://www.weitron.com.tw
3/4
Rev.A 19-Dec-06
1.5SMCJ Series
SMC Outline Dimension
SMC
Unit:mm
Dim
A B C D E G H J
Min
5.59 6.60 2.75 0.15 7.75 0.10 0.76 2.00
Max
6.22 7.11 3.18 0.31 8.13 0.20 1.52 2.62
WEITRON
http://www.weitron.com.tw
4/4
Rev.A 19-Dec-06


▲Up To Search▲   

 
Price & Availability of 15SMCJ60A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X